Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 62 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 62 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 58Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 59Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 60Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 61Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 62Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 63Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 64Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 65Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 66Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
62
January 28, 2016
7.2. SOP16 (300 mil) Package Outline
The SAP51/SAP5S is available in a 16-pin SOP package. Its dimensions are given in Figure 7.3 and Table 7.2.
Figure 7.3
SOP16 Package Outline Dimensions
Table 7.2
SOP16 Package Dimensions (mm)
SYMBOL
A
A1
A2
bP
c
e
D
E
HE
k
LP
Z
θ
Nominal
1.27
Minimum
2.35
0.10
2.25
0.35
0.23
10.21
7.40
10.00
0.25
0.61
0°
Maximum
2.65
0.30
2.45
0.49
0.32
10.46
7.60
10.65
0.79
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com