Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 12 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 11Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 14Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 15Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
12
January 28, 2016
Following device functions are handled by the different blocks of the SAP5:
RECEIVER
The RECEIVE block converts the analog telegram waveform from the AS-i bus to a digital pulse-
coded signal that can be processed further by a digital UART circuit.
The RECEIVE block is directly connected to the AS-i line pins LTGP and LTGN. It converts the
differential AS-i telegram to a single-ended signal and removes the DC offset by high-pass filtering.
To adapt quickly to changing signal amplitudes in telegrams from different network users, the
amplitude of the first telegram pulse is measured by a 3-bit flash ADC and the threshold of a positive
and a negative comparator is set accordingly to about 50% of the measured level. The comparators
generate the p_pulse and n_pulse signals.
TRANSMITTER
The transmit block transforms a digital response signal to a correctly shaped send current signal,
which is applied to the AS-i bus. Due to the inductive network behavior of the network, the changing
send current induces voltage pulses on the network line that overlay the DC operating voltage. The
voltage pulses must have sin²-wave shapes; therefore the send current shape must follow the
integral of the sin²-wave function.
UART /
MAIN STATE
MACHINE /
EEPROM
EEPROM write access and other I/O operations of the Main State Machine are supported in Slave
Mode only (see the description of the general SAP5 operational modes below). In Master Mode, the
SAP5 is basically equivalent to a physical layer transceiver.
If Slave Mode is activated, the UART demodulates the received telegrams, verifies telegram syntax
and timing, and controls a register interface to the Main State Machine. After reception of a correct
telegram, the UART generates appropriate Receive Strobe signals, which tell the Main State
Machine to start further processing. The Main State Machine decodes the telegram information and
starts respective I/O processes or EEPROM access. A second register interface is used to send data
back to the UART for construction of a telegram response. The UART modulates the response data
into a Manchester-II-coded bit stream that is used to control the TRANSMITTER unit.
ELECTRONIC
INDUCTOR
The electronic inductor is basically a gyrator circuit. It provides an inductive behavior between the
SAP5 pins LTGP and UOUT while the inductance is controlled by the capacitor on the CDC pin. The
inductor decouples the power regulator of the SAP5 as well as the external load circuit from the AS-i
bus and hence prevents crosstalk or switching noise from disturbing the telegram communication on
the bus.
The AS-Interface Complete Specification describes the input impedance behavior of a slave module
via an equivalent circuit that consists of R, L, and C in parallel. For example, a slave module in
Extended Address Mode must have R > 13.5k
Ω, L > 13.5mH, and C < 50pF. The electronic inductor
of the SAP5 delivers values that are well within the required ranges for output currents up to 55mA
(VLTGP>24V). More detailed parameters can be found in section 5.1.
The electronic inductor requires an external capacitor of 10µF at the UOUT pin for stability.
POWER
SUPPLY
The power supply block consists of a band-gap referenced 5V-regulator as well as other reverence
voltage and bias current generators for internal use. The 5V regulator requires an external capacitor
at pin U5R of at least 100nF for stability. It can source up to 4mA for external use, however the
power dissipation and the resulting device heating become a major concern if too much current is
drawn from the regulator. See section 5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com