Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 13 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 11Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 14Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 15Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 16Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 28, 2016
OSCILLATOR /
PLL
The oscillator supports direct connection of 5.333MHz or 16.000MHz crystals with a dedicated load
capacity of 12pF and parasitic pin capacities of up to 8pF. The SAP5 automatically detects the
oscillation frequency of the connected crystal and controls the internal clock generator circuit
accordingly. After power-on reset, the SAP5 is set to 16.000MHz operation by default. After about
200µs, it will either switch to 5.333MHz operation or remain in the 16.000 MHz mode. The frequency
detection is active until the first AS-i telegram has been successfully received in order to ensure the
SAP5 has found the correct clock frequency setting. The detection result is locked thereafter to
increase resistance against burst or other interferences.
The oscillator unit also contains a Clock Watchdog circuit that can generate an unconditioned SAP5
reset if there has been no clock oscillation for more than approximately 20µs. This is to prevent
unpredicted SAP5 behavior if the clock signal is lost.
THERMAL
PROTECTION
The SAP5 is self-protected against thermal overload. If the silicon die temperature rises above
approximately 140°C for more than 2 seconds, the SAP5 detects thermal overheating, switches off
the electronic inductor, performs an SAP5 reset, and sets all analog blocks to power-down mode.
The 5V regulator is also turned off in this state; however, there will still remain a voltage of
approximately 3 to 3.5 V available at U5R that is derived from the internal start circuitry. If the over-
temperature condition is no longer present, the SAP5 resumes operation and performs an
initialization.
POWER FAIL
DETECTOR
The POWER FAIL DETECTOR observes the voltage at the AS-i line. It signals at the PSTBn/APF pin
when the voltage drops below approximately 22.5V. This is active in Master Mode only.
INPUT STAGE
All digital inputs, except the oscillator pins, have high voltage capabilities and pull-up features. For
more details see sections 5.3, 5.7, 5.8 and 7.1.
OUTPUT STAGE
All digital output stages, except the oscillator pins, have high voltage capabilities and are
implemented as NMOS open-drain buffers. Each pin can sink up to 10mA of current. See section 5.4.
3.2.
General Operational Modes
The SAP5 provides two operational modes: Slave Mode and Master/Repeater Mode. The operational mode that
becomes active is defined by programming the flag Master_Mode in the Firmware Area of the EEPROM (also see
Table 4.2). The EEPROM is read out at every initialization of the SAP5. Online mode switching is not provided.
The configurations in Table 3.1 apply:
Table 3.1
Assignment of Operational Modes
Selected Operational Mode
Master Mode Flag
Slave Mode
0
Master/Repeater Mode
1
In Slave Mode, the SAP5 operates as a fully featured AS-i slave IC according to AS-Interface Complete
Specification v3.0.
In Master/Repeater Mode, the SAP5 acts as physical layer transceiver. It translates a digital output signal from the
external master control logic (e.g., programmable logic controller (PLC), microprocessor, etc.) to a correctly
shaped, analog AS-i pulse sequence and vice versa. Every AS-i telegram received is checked for consistency
with the AS-i communication protocol specifications and if no errors were found, an appropriate Receive Strobe
signal is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com