Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 58 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 58 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 54Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 55Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 56Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 57Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 58Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 59Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 60Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 61Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 62Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
58
January 28, 2016
For the circuit shown in Figure 6.2, R1 and C1 form a low-pass-filter for the delay of the output of the SAP5 for
about 20µs. The transistor performs the inversion; the voltage divider R2/R3 shifts the low level in the range of
1.5V to 2.5V. The high level is provided from the pin’s pull-up feature.
Figure 6.2
Safety Mode Application
5.33/
16MHz
1N4001
ZMM 39
100nF
10µF
100nF
ASI+
ASI-
OSC1
OSC2
LTGP
CDC
LTGN
D3
D2
D1
D0
U5R
UOUT
100nF
0V
+24V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com