Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 30 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 30Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 31Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 32Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 33Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
30
January 28, 2016
5.6.
AS-i Transmitter
Figure 5.1
Basic Receiver Comparator Threshold Set-up Principles
First negative
pulse of the
AS-i telegram
VLSIGon
VLSIGon = (0.45 to 0.55) ∗ VSIG / 2
DC level
VSIG / 2
The IC determines the
amplitude of the first
negative pulse of the
AS-i telegram. This
amplitude is asserted
to be VSIG / 2.
The transmitter draws a modulated current between LTGP and LTGN to generate the communication signals. The
shape of the current corresponds to the integral of a sin
2-function. The transmitter comprises a current DAC and a
high-current driver. The driver requires a small bias current to flow. The bias current is ramped up slowly for a
specific time before the transmission starts so that any false voltage pulses on the AS-i line are avoided.
When the transmitter is turned on, the receiver is turned off to reduce the power consumption. The SAP5 includes
a Clock Watchdog that becomes activated once the clock signal is stopped for approximately 100µs to 150µs so
that the transmitter is prevented from being permanently switched on in case the clock signal is missing.
Table 5.8
Transmitter Current Amplitude
PARAMETER
SYMBOL
MIN
MAX
UNIT
Modulated transmitter peak current swing (between LTGP and LTGN)
ISIG
55
68
mAP
5.7.
Parameter Port and PSTBn
The parameter port is always configured for continuous bi-directional operation. However, if IO_Code=7HEX (see
Table 5.14), the parameter ports will return to high impedance state immediately after a WPAR request because
they act as data input ports or safety data ports for a subsequent DEXG master call.
Every pin contains an NMOS open-drain output driver plus a high-voltage, high-impedance digital input stage.
Received parameter output data is stored in the Parameter Output Register and subsequently forwarded to the
open-drain output drivers. A specific time (tPI-latch) after new output data has arrived at the port, the corresponding
inputs are sampled. Due to the open-drain of the output driver, the input value results from a wired AND
combination of the parameter output value and such signals driven to the port by external sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com