Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 26 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
26
January 28, 2016
5
Detailed Functional Description
5.1.
Power Supply
The power supply block provides a sensor supply, which is inductively decoupled from the AS-i bus voltage, at the
UOUT pin. The decoupling is realized by an electronic inductor circuit, which basically consists of a current source
and a controlling low pass filter. The time constant of the low pass, which affects the resulting input impedance at
the LTGP pin, can be adjusted by an external capacitor at the CDC pin.
A second function of the power supply block is to generate a regulated 5V supply for operation of the internal logic
and some of the analog circuitry. The voltage is provided at the U5R pin and can be used to supply external
circuitry as well if the current requirements stay within in the specified limits (see Table 2.2). Because the 5V
supply is generated from the decoupled sensor supply at UOUT, the current drawn at U5R must be subtracted
from the total available load current at UOUT.
The power supply dissipates most of the power (see Table 5.1):
Ptot = VDROP∗ (IUOUT + I5V) + (VUOUT-5V) ∗ I5V
In total, the power dissipation must not exceed the specified values in section 2.1.
To cope with fast internal and external load changes (spikes), external capacitors at UOUT and U5R are required.
The LTGN pin defines the ground reference voltage for both UOUT and U5R.
5.1.1.
Voltage Output Pins UOUT and U5R
Table 5.1
Properties of Voltage Output Pins UOUT and U5R
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Positive supply voltage for SAP5 operation
1)
VLTGP
16
34
V
Voltage drop from LTGP pin to UOUT pin
VDROP
VLTGP > 22V
5.2
7.8
V
UOUT output supply voltage
VUOUT
IUOUT = IUOUTmax
VLTGP - VDROPmax
VLTGP - VDROPmin
V
UOUT output voltage pulse deviation
2)
VUOUTp
CUOUT = 10µF
1.5
V
UOUT output voltage pulse deviation width
2)
tUOUTp
CUOUT = 10µF
2
ms
5V supply voltage
VU5R
4.75
5.25
V
UOUT output supply current
IUOUT
IU5R = 0
VLTGP >24V
0
55
mA
U5R output supply current
IU5R
0
4
mA
Total output current IUOUT + I5V
IO
60
mA
Blocking capacitance at UOUT
CUOUT
10
470
µF
Blocking capacitance at U5R
CU5R
100
nF
1)
Parameter is also given in Table 2.2.
2)
CUOUT = 10µF; output current switches from 0 to IUOUTmax and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com