Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 24 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 16Page - Microchip Technology SST12LP19E Datasheet HTML 17Page - Microchip Technology SST12LP19E Datasheet HTML 18Page - Microchip Technology SST12LP19E Datasheet HTML 19Page - Microchip Technology SST12LP19E Datasheet HTML 20Page - Microchip Technology SST12LP19E Datasheet HTML 21Page - Microchip Technology SST12LP19E Datasheet HTML 22Page - Microchip Technology SST12LP19E Datasheet HTML 23Page - Microchip Technology SST12LP19E Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
©2014
DS70005041D
08/14
24
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Table 6: Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Mar 2010
01
•
Revised “Absolute Maximum Stress Ratings” on page 6
•
Changed Operating range to Industrial on page 6
•
Updated Table 4 on page 7
•
Changed document status to “Preliminary Specifications”
Mar 2010
02
•
Changed document status from “Preliminary Specifications” to “Data
Sheet.”
•
Made a minor correction in “Product Description” on page 2
Jul 2010
A
•
Updated Figures 1 and 2
•
Updated Figures 5 and 10 to show measurements with Equalizer
Channel Estimation set to “sequence only”
•
Applied new document format
•
Released document under letter revision system
•
Updated Spec number from S71423 to DS75041
Jan 2012
B
•
Updated package drawing to reflect new Pin1 indicator
Jul 2012
C
•
Added the X2SON package (package code NR)
May 2013
D
•
Updated “Features” on page 1 and “Product Description” on page 2
•
Revised Table 5 on page 8
•
Updated package drawings for QX8 and Qx6
Aug 2014
© 2014 Microchip Technology Inc.
SST, Silicon Storage Technology, the SST logo, SuperFlash, and MTP are registered trademarks of Microchip Technology, Inc.
MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Microchip Technology, Inc. All other trademarks and registered trade-
marks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
Microchip makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions
of Sale.
For sales office locations and information, please see www.microchip.com.
www.microchip.com
ISBN:
978-1-63276-518-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com