Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology SST12LP19E Datasheet HTML 11Page - Microchip Technology SST12LP19E Datasheet HTML 12Page - Microchip Technology SST12LP19E Datasheet HTML 13Page - Microchip Technology SST12LP19E Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
©2014
DS70005041D
08/14
10
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Typical Performance Characteristics for High-power applications
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, 54 Mbps 802.11g OFDM Signal,
QX6E example
Figure 5:
EVM versus Output Power, measured with Equalizer Channel Estimation set to
“sequence only”
Figure 6: Power Gain versus Output Power
1423 F5.1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 121314151617181920 2122232425
Output Power (dBm)
EVM versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1423 F6.0
Power Gain versus Output Power
10
12
14
16
18
20
22
24
26
28
30
0
1
2
3
4
5
6
7
8
9 101112 131415 161718 1920 212223 2425
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com