Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 1 Page - Microchip Technology

  SST12LP19E Datasheet HTML 1Page - Microchip Technology SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2014
DS70005041D
08/14
Data Sheet
www.microchip.com
Features
• Excellent RF Stability with Moderate Gain:
– Typically 25 dB gain across 2.4 – 2.5 GHz
• High linear output power:
– >26 dBm P1dB
- Please refer to “Absolute Maximum Stress Ratings” on
page 6
– Meets 802.11g OFDM ACPR requirement up to 23.5
dBm
– 3% EVM up to 18 dBm (high-efficiency configuration) or
~3% EVM up to 19.5 dBm (high-power configuration) for
54 Mbps 802.11g signal
– 2.5% EVM up to 16.5 dBm for MCS7–20 MHz band-
width
– 1.8% EVM up to 16 dBm for MCS9–40 MHz bandwidth
– Meets 802.11b ACPR requirement up to 23 dBm
• High power-added efficiency/Low operating cur-
rent for 802.11b/g/n applications
– ~34%/200 mA @ POUT = 23.5 dBm for 802.11g
– ~31%/195 mA @ POUT = 23 dBm for 802.11b
• Single-pin low IREF power-up/down control
–IREF <2 mA
• Low idle current
– ~40-65 mA ICQ, depending on package type and config-
uration.
• High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• Low Shut-down Current (~2 µA)
• High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
• Excellent On-chip power detection
– 20 dB dynamic range on-chip power detection
– dB-wise linear output voltage
– Temperature stable and load insensitive
• Simple input/output matching
• Packages available
– 8-contact XSON – 2mm x 2mm x 0.5 mm max
– 6-contact XSON – 1.5mm x 1.5mm x 0.5 mm max
– 6-contact X2SON – 1.5mm x 1.5mm x 0.4mm max
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n/256 QAM)
• Bluetooth
• ZigBee
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
SST12LP19E is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. SST12LP19E is a 2.4 GHz fully-integrated, high-power,
high-gain Power Amplifier module designed in compliance with IEEE 802.11b/g/n
and 256 QAM applications. For WLAN applications, it typically provides 25 dB gain
with 34% power-added efficiency. SST12LP19E has excellent linearity while meet-
ing 802.11g spectrum mask at 23.5 dBm and 802.11b spectrum mask at 23 dBm.
This power amplifier includes a power detector with dB-wise linear voltage output
and features easy board-level usage along with high-speed power-up/down control
through a single combined reference voltage pin. SST12LP19E and is offered in 6-
contact XSON, 8-contact XSON, and 6-contact X2SON packages. Due to its small
package size and high efficiency, this power amplifier is also well suited for ZigBee®
and Bluetooth® applications.


Similar Part No. - SST12LP19E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
List of Unclassifed Man...
SST12LP19E ETC2-SST12LP19E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
More results

Similar Description - SST12LP19E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com