Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 3 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 3 Page - Microchip Technology

  SST12LP19E Datasheet HTML 1Page - Microchip Technology SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
©2014
DS70005041D
08/14
3
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Functional Blocks
Figure 1: Functional Block Diagram 8-Contact XSON (QX8)
Figure 2: Functional Block Diagram 6-Contact XSON (QX6) and 6-contact X2SON (NR)
4
3
2
1
5
6
7
8
Bias Circuit
VCC1
VCCb
VREF
RFIN
RFOUT
RFOUT
VCC2
1423 F1.1
DET
1423 F2.1
VCC1
VCCb
VREF
RFIN
VCC2/RFOUT
DET
3
2
1
4
5
6
Bias Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com