Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology SST12LP19E Datasheet HTML 11Page - Microchip Technology SST12LP19E Datasheet HTML 12Page - Microchip Technology SST12LP19E Datasheet HTML 13Page - Microchip Technology SST12LP19E Datasheet HTML 14Page - Microchip Technology SST12LP19E Datasheet HTML 15Page - Microchip Technology SST12LP19E Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
©2014
DS70005041D
08/14
12
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Figure 9: Detector Characteristics versus Output Power
Typical Performance Characteristics for High-Efficiency Applications
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, 54 Mbps 802.11g OFDM Signal,
QX6E example
Figure 10: EVM versus Output Power, measured with Equalizer Channel Estimation set to “sequence only”
1423 F9.0
Detector Voltage versus Output Power
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1423 F10.1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 1112131415161718192021222324
Output Power (dBm)
EVM versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com