Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
©2014
DS70005041D
08/14
6
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Electrical Specifications
The RF and DC specifications for the power amplifier interface signals. Refer to Table 4 for the DC voltage and
current specifications. Refer to Figures 4 through 15 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Input power to pin 2 (PIN)..................................................... +5dBm
Average output power from pins 6 and 7 (POUT)1 for 8-contact XSON ................. +26dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the max-
imum rating of average output power could cause permanent damage to the device.
Average output power from pin 6 (POUT)1 for 6-contact XSON/X2SON................. +26dBm
Supply Voltage to pins1, 3, and 8 (VCC) for 8-contact XSON..................... -0.3V to +4.6V
Supply Voltage to pins 1, 3, and 6 (VCC) for 6-contact XSON/X2SON.............. -0.3V to +4.6V
Reference voltage to pin 4 (VREF) ......................................... -0.3V to +3.3V
DC supply current (ICC)2 ..................................................... 400mA
2. Measured with 100% duty cycle 54 Mbps 802.11g OFDM Signal
Operating Temperature (TA) ............................................. -40ºC to +85ºC
Storage Temperature (TSTG) ........................................... -40ºC to +120ºC
Maximum Junction Temperature (TJ) ............................................ +150ºC
Surface Mount Solder Reflow Temperature ............................ 260°C for 10 seconds
Table 3: Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
3.3V
T3.1 75041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com