Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology SST12LP19E Datasheet HTML 11Page - Microchip Technology SST12LP19E Datasheet HTML 12Page - Microchip Technology SST12LP19E Datasheet HTML 13Page - Microchip Technology SST12LP19E Datasheet HTML 14Page - Microchip Technology SST12LP19E Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
©2014
DS70005041D
08/14
11
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Figure 7: Total Current Consumption for 802.11g Operation versus Output Power
Figure 8: PAE versus Output Power
1423 F7.0
Supply Current versus Output Power
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1423 F8.0
PAE versus Output Power
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
0
1
2
3
4
5
6
7
8
9 101112 131415 161718 1920 212223 2425
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com