Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 2 Page - Microchip Technology

  SST12LP19E Datasheet HTML 1Page - Microchip Technology SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
©2014
DS70005041D
08/14
2
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Product Description
SST12LP19E is a versatile, 2.4 GHz power amplifier based on the highly-reliable InGaP/GaAs HBT technology.
While it is designed to meet the high-linearity requirement of IEEE 802.11b/g/n/256 QAM, the power amplifier’s
high efficiency also makes it useful for Bluetooth and ZigBee applications.
SST12LP19E can be easily configured for high-power applications with good power-added efficiency while
operating over the 2.4- 2.5 GHz frequency band. It typically provides 25 dB gain with 34% power-added effi-
ciency (PAE) @ POUT = 23.5 dBm for 802.11g and 31% PAE @ POUT = 23 dBm for 802.11b.
This device has excellent linearity, typically ~3% added EVM at 19.5 dBm output power which is essential for 54
Mbps 802.11g operation while meeting 802.11g spectrum mask at 23.5 dBm and 802.11b spectrum mask at
23 dBm.
SST12LP19E can also be easily configured for high-efficiency operation, typically 3% added EVM at 18 dBm
output power and 92 mA total power consumption for 54 Mbps 802.11g applications. It operates at 2.5% EM at
typically 16.5 dBm for MCS7-20 MHz and 1.8% EVM at 16 dBm for MCS9-40 MHz bandwidth. High-efficiency
operation is desirable in embedded applications, such as in hand-held units, where SST12LP19E can provide
25 dB gain and meet 802.11b/g/n/256 QAM spectrum mask at 22 dBm output power with 34% PAE.
This power amplifier also features easy board-level usage along with high-speed power-up/down control
through a single combined reference voltage pin. Ultra-low reference current (total IREF ~2 mA) makes the
SST12LP19E controllable by an on/off switching signal directly from the baseband chip. These features cou-
pled with low operating current make the SST12LP19E ideal for the final stage power amplification in battery-
powered 802.11b/g/n/256 QAM WLAN transmitter applications.
SST12LP19E has an excellent on-chip, single-ended power detector, which features wide-range (>20 dB) with
dB-wise linear output voltage. The excellent on-chip power detector provides a reliable solution to board-
level power control.
The SST12LP19E is offered in 8-contact XSON, 6-contact XSON, and 6-contact X2SON packages. See Fig-
ure 3 for pin assignments and Tables 1 and 2 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com