Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 4 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 4 Page - Motorola, Inc

  EB413 Datasheet HTML 1Page - Motorola, Inc EB413 Datasheet HTML 2Page - Motorola, Inc EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Engineering Bulletin
EB413
4
MOTOROLA
Ideally there would be no restriction on the values of the resistors and
capacitors, but there are other considerations. Internal leakage currents
for the RESET pin are normally specified at 1
µA maximum which means
that the resistor has a maximum value of 100 k
Ω and the capacitor
should not be an electrolytic type to keep the stop current to a minimum.
Ceramic capacitors are recommended as a compromise between low
cost, low leakage, and good high-frequency response. The RESET pin
capacitance is very low (less than 5 pF).
There are also limits for the minimum resistor impedance since the
maximum pulldown current is approximately 5 mA at 1 V (VOL). Together
with the low-impedance voltage source of the external capacitor, it is
necessary to ensure a minimum pullup resistor value of 2 k
Ω. See
Watchdog Operation for details of the output mode of the RESET pin
where this feature is available on the device.
Low-Voltage Reset (LVR) On Chip
To protect against total or partial loss of power, some devices have an
LVR circuit which effectively resets the device while the VDD supply is
lower than the trigger point. It is difficult to make an accurate voltage
reference with high-density complementary metal oxide semiconductor
(HCMOS) designs and so there is often a manufacturing tolerance built
into the specification. As a consequence, the minimum trigger voltage
can be sufficiently low that the device cannot run at the maximum bus
speed for reliable operation before the LVR circuit resets the device.
This restricts the maximum bus speed whenever the LVR circuit is used
to protect the device from runaway.
Significant advantages of the built-in LVR circuit are the reliability of the
integration of the LVR function and low cost. Additionally, the application
can determine the presence of a low-power reset rather than an external
reset. This can be achieved by the use of either separate vectors for the
LVR and normal reset or by means of a register containing a reset
condition status flag. This is of course not normally possible with an
external LVR circuit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com