Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 3 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 3 Page - Motorola, Inc

  EB413 Datasheet HTML 1Page - Motorola, Inc EB413 Datasheet HTML 2Page - Motorola, Inc EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Engineering Bulletin
External Components Attached to the RESET Pin
EB413
MOTOROLA
3
In this case, the internal reset circuit of the HC05 device will hold reset
low internally for the first 4064 system clock cycles (2 ms at 4-MHz
clock). Thus, the internal reset will be released between 7 ms and 12 ms
after power on. This arrangement simply requires a 10-k
Ω pullup resistor
externally on the RESET pin. Some HC05 devices have an internal
resistor which means that the RESET pin may be left unconnected or
simply have an external capacitor.
In a situation where the power supply takes more than 10 ms to reach
4 V, the oscillator is likely to have started up and the internal reset
released before the VDD pin reaches the minimum voltage for the
particular clock frequency used in the application. This could cause
incorrect device operation and a fatal error for the application is likely. In
this case an external delay is necessary on the RESET pin.
The simplest delay is a resistor/capacitor (RC) network (see Figure 1)
where the capacitor is charged up by the current flowing through the
resistor until it reaches a level detected by the HC05 RESET pin circuitry
as a logic 1 state. This value is normally defined as a minimum required
VIH of 0.7 x VDD; however, the actual detection voltage is often much
lower and can be as little as 0.5 x VDD (2.5 V with a VDD = 5.0 V). The
RESET pin does have a Schmitt input but the hysteresis can be as little
as 300 mV on some devices. The diode ensures that the capacitor
discharges quickly with a sudden fall in VDD; otherwise, the capacitor
could keep the MCU powered up for a short time, especially if the MCU
is in stop mode where power consumption is very low.
Figure 1. RC Network to Delay Reset Release
by Approximately 10 ms
D1
+5 V
47 k
Ω
220 nF
MCU
RESET
VDD SUPPLY
RESET PIN
RESET RELEASED
RESET ACTIVE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com