Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 5 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 5 Page - Motorola, Inc

  EB413 Datasheet HTML 1Page - Motorola, Inc EB413 Datasheet HTML 2Page - Motorola, Inc EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Engineering Bulletin
Power-On Reset (POR) Detection
EB413
MOTOROLA
5
EEPROM On Chip discusses protection for on-chip EEPROM where the
use of an external LVR device is highly recommended.
Power-On Reset (POR) Detection
While the LVR circuit can protect against a partial power loss, the POR
function can only indicate a total loss of power followed by power up. The
VDD supply must drop to less than 0.2 V to ensure that the POR register
is reset correctly. On power up, a bit in one of the HC05 registers (often
the miscellaneous register if it exists) will be set to a logic high state. This
bit once cleared (by reading the bit) will remain in the logic low state even
if an external reset occurs and only be reset to a 1 when the power is
totally lost and returned.
System Power-Up Sequence
When power is applied to the system, it will normally take a finite period
to achieve the designed operating voltage. During this time, the MCU
may be required to maintain a specific state on its output pins and hold
off any execution of code until it is safe to commence running the
application.
Once power is applied to an HC05 device, the oscillator will start running
whether reset is held in the active state or not. Of course the oscillator
takes a short time to start up (4-MHz crystals take about 5 ms to start
and 32-kHz crystals take much longer, often as much as 500 ms), but
once the first couple of clocks have occurred, the active state (logic 0) of
the RESET pin normally configures the port lines to be inputs or to a
known state if they are only able to operate in output mode. In this way,
the external circuitry can assume a known state on the MCU pins just a
short time after power on but before the MCU reset is released.
Please remember that the port data registers are not usually initialized
by power on or reset and so a reset will normally leave the port data
unchanged and simply place the port in input mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com