Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 8 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc EB413 Datasheet HTML 11Page - Motorola, Inc EB413 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Engineering Bulletin
EB413
8
MOTOROLA
this in turn can result in the HC05 running away by incorrectly reading
ROM or RAM.
The best solution to such problems is the use of a low-voltage reset
circuit (such as the MC34064 and MC34164 devices) which force reset
low whenever the VDD supply drops below 4.65 V. See Figure 2.
Figure 2. MC34064 Low-Voltage Reset Device Application
It is often assumed that EEPROM is erased or incorrectly written during
power up, but normally it is during power down that the erroneous
EEPROM activity occurs.
NOTE:
The power-down voltage decay is often slow and the lack of any low-
voltage reset device could allow the MCU to run at too high a frequency
for the current VDD for several tens of milliseconds (plenty of time for
several erases and writes to EEPROM).
Battery Backup
The usual purpose for battery backup operation is to avoid resetting the
MCU when the main power is removed. There comes a point though,
when the battery also fails and this can cause the voltage on the system
to drop very gradually. To save the battery from damaging itself, it is
usual to have low-voltage detection circuits that force a system reset as
the power drops below a critical level. In these circumstances, it is often
necessary to save the current status of the MCU before the reset occurs
and so it is likely the system will first warn the MCU of the pending reset.
+5 V
20 k
Ω
MCU
RESET
VDD SUPPLY
MC34064
VDD = 4.65 V
RESET PIN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com