Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 7 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc EB413 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Engineering Bulletin
Watchdog Operation
EB413
MOTOROLA
7
Watchdog Operation
The watchdog is the computer operating properly (COP) function that
forces a reset of the HC05 device if the counter is not cleared before it
overflows. The timeout of the counter varies between devices, but in
most cases the RESET pin is driven low for a short time when the COP
times out and thus resets the HC05. The timing of the COP reset is
shown in Power-On Reset and External Reset Timing for the
MC68HC05J1. There is no oscillator start-up delay, and so the reset
vectors are fetched within 3 cycles of reset going high.
Some HC05 devices have no buffering internally and so the external
voltage seen on the RESET pin is the actual signal that forces the reset.
More recently designed HC05 devices have the reset signal from the
COP buffered internally so that the external load has no effect on the
COP reset timing or functionality.
With unbuffered COP output on the RESET pin, the maximum external
capacitance or minimum possible pullup resistance on the RESET pin
are critical as these determine the timing and level of the COP reset
output signal.
Check the data sheet for details of the HC05 device COP function but,
where there is any uncertainty a good working limit is a maximum
capacitance of 1
µF and a minimum pullup impedance of 2 kΩ.
EEPROM On Chip
Integrating EEPROM into the HC05 device is increasingly common but
may cause several problems during power up and power down.
Normally the EEPROM array would be initialized, at least in part, during
the production phase. The application normally makes further writes to
the EEPROM in addition to reading the data and so it is unlikely that the
EEPROM could be physically protected from unexpected writing.
Certain conditions such as partial power loss can cause the HC05 to run
at a higher frequency than allowed for the current VDD voltage level and
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com