Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 10 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc EB413 Datasheet HTML 11Page - Motorola, Inc EB413 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Engineering Bulletin
EB413
10
MOTOROLA
A power-on reset (POR) bit will not usually register a partial power loss
so on coming out of reset, the MCU will not be aware that the VDD
voltage dropped before reset occurred.
Once the reset signal is applied, the MCU pins will mostly go to high-
impedance state and the oscillator will stop running, thus making the
system power consumption lower and this can allow a more graceful
power down of the system.
HC05 Clock Source
Different types and frequencies of oscillator circuits take differing lengths
of time to start up and stabilize. A 4-MHz crystal takes about 5 ms while
a 4-MHz ceramic resonator will usually start up very quickly (normally
less than 1 ms). As the frequency drops, the time taken to start up and
stabilize increases. A 32-kHz crystal can take as long as 500 ms to start
up. The internal clock count delay accommodates these differences
since it simply counts the oscillations and it is assumed that 4064 clocks
is enough under most conditions. If a different amount of time is required
then of course an external reset control is needed.
An RC (resistor-capacitor) option rather than external crystal or
resonator has much poorer accuracy of oscillator frequency but has
virtually instantaneous start up and is very cheap.
Some applications provide an external clock source rather than use the
crystal oscillator option. In these cases the clock source may be present
but the MCU may be in reset. When the reset signal is released the
application may be able to operate more quickly and so some HC05
devices have options for the delay time for system operation after reset
is released. Since 4064 cycles is 2 ms with a 4-MHz clock, shorter delays
are often required.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com