Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 6 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 2Page - Motorola, Inc EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Engineering Bulletin
EB413
6
MOTOROLA
Care should be taken not to force excessive current into the MCU during
this time in case a latch-up condition arises. It is likely that some external
voltages could rise much faster than the MCU VDD supply, especially
since care is needed in most cases to ensure that the VDD supply is a
good clean and preferably noise free power source. A simple method is
to place in-line resistors on port pins that could see voltage levels in
excess of the rising VDD supply, and diodes to clamp the maximum
difference between VDD and the port pin voltage to less than 0.6 V. A
good value for the resistor is normally about 50
Ω since there is normally
a maximum allowed current per pin of 20 mA and, it is assumed that the
external voltage is an absolute maximum of 1 V greater than VDD in
worst case circumstances. Similarly a negative voltage, below VSS (0 V
in most applications) must be current limited to avoid damage to the
MCU.
Another phenomenon is the ability of low-power HC05 devices to be
powered up by an oscillating signal attached to the port pin of the HC05,
while the HC05 device is powered off. This occurs due to current being
forced into the VSS and VDD supply via the inherent port protection
diodes to both power supply rails within the MCU. As long as the current
is limited to 20 mA total for all pins in this state, no harm will come to the
MCU. However, it is important to keep the MCU in the reset condition
while powered off, at least so that during power up the MCU does not
drive data onto the port and draw a large current. While such current is
flowing, functionality of the MCU is not guaranteed due to the possibility
of substrate currents changing the state of the internal logic gates.
Often the reset signal is used by other sections of the application to start
up after the power-on sequence is complete and so it is possible that the
reset line is distributed throughout the board. Some devices will be
released from reset after different voltages on the reset signal and so it
is advisable to bring this signal up to VDD within the rest delay time
(normally 4064 cycles) to avoid the MCU coming out of reset before
other parts of the board have done the same. This is particularly
important when there are several printed circuit boards (PCBs) and
multiple MCU devices talking to one another.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com