Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB413 Datasheet(PDF) 11 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc EB413 Datasheet HTML 11Page - Motorola, Inc EB413 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Engineering Bulletin
Power Applied Reset
EB413
MOTOROLA
11
Power Applied Reset
It is often a requirement of the application that an external circuit controls
the reset of the MCU. In these conditions, reset may be applied and
released without power down of the application. The 4064-cycle delay is
only applicable to a power-on condition or after the MCU comes out of
stop mode. In each case the oscillator must be restarted and so a short
delay for the oscillator to stabilize is required. When a reset pulse is
subsequently received, the oscillator continues to run and there is no
start-up delay. See Power-On Reset and External Reset Timing for
the MC68HC05J1 for timing diagrams showing power-on reset and the
external reset. The minimum low time for the reset pulse is 1.5 times the
bus cycle time to ensure that a full reset occurs. It is up to the user to
ensure that the minimum low time is met. A shorter low time may cause
a partial reset of the MCU.
Power-On Reset and External Reset Timing for the MC68HC05J1
Figure 3. Power-On Reset Timing
07FE
4064 tcyc
VDD
OSC1 PIN
INTERNAL
CLOCK
INTERNAL
ADDRESS BUS
Notes:
INTERNAL
DATA BUS
07FE
07FE
07FE
07FE
07FE
07FF
(NOTE 1)
1. Power-on reset threshold is typically between 1 V and 2 V.
2. Internal clock, internal address bus, and internal data bus are not available externally.
NEW
PCH
NEW
PCL
tVDDR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com