Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 5 Page - Hirose Electric

  DF50 Datasheet HTML 1Page - Hirose Electric DF50 Datasheet HTML 2Page - Hirose Electric DF50 Datasheet HTML 3Page - Hirose Electric DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF50 Series●1mm Pitch, Board to Wire Lock Connector
■Single-row straight pin header
BRecommended PCB Dimensions
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
C
DF50A-2P-1V (**)
665-1001-3 **
2
5.25
1
5
DF50A-3P-1V (**)
665-1004-1 **
3
6.25
2
6
DF50A-4P-1V (**)
665-1006-7 **
4
7.25
3
7
DF50A-5P-1V (**)
665-1008-2 **
5
8.25
4
8
DF50A-6P-1V (**)
665-1010-4 **
6
9.25
5
9
DF50A-7P-1V (**)
665-1012-0 **
7
10.25
6
10
DF50A-8P-1V (**)
665-1014-5 **
8
11.25
7
11
DF50A-9P-1V (**)
665-1016-0 **
9
12.25
8
12
DF50A-10P-1V (**)
665-1017-3 **
10
13.25
9
13
DF50A-11P-1V (**)
665-1019-9 **
11
14.25
10
14
DF50A-12P-1V (**)
665-1021-0 **
12
15.25
11
15
DF50A-13P-1V (**)
665-1023-6 **
13
16.25
12
16
DF50A-14P-1V (**)
665-1025-1 **
14
17.25
13
17
DF50A-15P-1V (**)
665-1027-7 **
15
18.25
14
18
DF50A-16P-1V (**)
665-1029-2 **
16
19.25
15
19
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 pcs/reel)
*: No. of Contacts
[Specification Number: **, (**) ]
(51): Gold plating, embossed packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com