Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 1 Page - Hirose Electric

  DF50 Datasheet HTML 1Page - Hirose Electric DF50 Datasheet HTML 2Page - Hirose Electric DF50 Datasheet HTML 3Page - Hirose Electric DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2014.8
e
1mm Pitch, Board to Wire Lock Connector
DF50 Series
■Features
1. It provides clear tactile click and secure
mating
Locking function and contact mating occur
simultaneously, for a clearer tactile click.(Fig.1)
2. Robust structure resistant to wrenching
forces
Thick and robust housing wall provides higher
strength against cracking. Insertion depth for mating
housings protects against wrenching.(Fig.2)
3. Robust and reliable lance structure
High lance strength by mating with crimp contact on
the surface.(Fig.3)
4. Ensured adsorption area eliminates the
need for adsorption cap.
Adequate adsorption area is ensured despite the
small size, allowing for automatic mounting without
adsorption cap.
(*Specifications for adsorption cap may be provided
according to your requirements)
5. Insulation outer diameter Ø0.9mm,
compatible with AWG#28
Despite 1 mm Pitch, it is compatible with Ø0.9mm,
UL1061·AWG#28 Cable (Ø0.127×7)
It provides clear tactile click and secure mating
Robust structure resistant to wrenching forces
Robust and reliable lance structure
Simultaneous timing of locking function and
contact mating provides a clearer tactile click.
It is possible to visually inspect
the assembled lance.
The lance mates with the crimp
contact on the surface.
Timing of locking function
Insertion depth for mating protects against
wrenching.
Thick and robust outer wall provides higher
strength and prevents cracking.
Fig.1
Fig.2
Fig.3


Similar Part No. - DF50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-20DP-1H HIROSE-DF50-20DP-1H Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
809Kb / 12P
1 mm Pitch, WtoB, Positive Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF50-20DS-1C HIROSE-DF50-20DS-1C Datasheet
809Kb / 12P
1 mm Pitch, WtoB, Positive Lock Connector
DF50-2830SCFA HIROSE-DF50-2830SCFA Datasheet
809Kb / 12P
1 mm Pitch, WtoB, Positive Lock Connector
More results

Similar Description - DF50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
logo
Molex Electronics Ltd.
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054331081 MOLEX1-5054331081 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054332481 MOLEX1-5054332481 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com