Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric DF50 Datasheet HTML 10Page - Hirose Electric DF50 Datasheet HTML 11Page - Hirose Electric DF50 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF50 Series●1mm Pitch, Board to Wire Lock Connector
●DF50A-2P-1H to DF50A-6P-1H (Number of contacts : 2 to 6)
●DF50A-8P-1H to DF50A-16P-1H (Number of contacts : 8 to 16)
BEmboss tape dimensions
(JIS C 0806 compliant)
BEmboss tape dimensions
(JIS C 0806 compliant)
BReel Condition Dimensions
BReel Condition Dimensions
Product Label
Ø1.5 sprocket
hole far side
Unreeling direction
30.4 MAX
24.4
+2
0
Ø13±0.2
Product Label
Ø1.5 sprocket
hole far side
Unreeling direction
G MAX
H
+2
0
Ø13±0.2
Unit : mm
Part No.
HRS No.
No. of Contacts
D
E
F
G
H
DF50A-8P-1H (**)
665-1037-0 **
8
14.2
28.4
32
38.4
32.4
DF50A-10P-1H (**)
665-1039-6 **
10
DF50A-12P-1H (**)
665-1041-8 **
12
DF50A-16P-1H (**)
665-1045-9 **
16
20.2
40.4
44
50.4
44.4
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 pcs/reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com