Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 2 Page - Hirose Electric

  DF50 Datasheet HTML 1Page - Hirose Electric DF50 Datasheet HTML 2Page - Hirose Electric DF50 Datasheet HTML 3Page - Hirose Electric DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF50 Series●1mm Pitch, Board to Wire Lock Connector
■Product Specifications
Ratings
Current Rating
1A
Operating Temperature Range
Operating Humidity Range
-35 to + 85°C (Note 1)
20 to 80%
Voltage Rating
AC/DC 100V
Storage Temperature Range
Storage Humidity Range
-10 to + 60°C (Note 2)
40 to 70% (Note 2)
Items
Specifications
Conditions
1.Insulation resistance
500Mø min.
100V DC
2.Withstand voltage
No flashover or breakdown
300V AC/1min.
3.Contact resistance
30mø max.
20mV max., at 1 mA.
4.Vibration
No electrical discontinuity of 1µs or longer
Frequency 10-55 Hz, single amplitude of 0.75 mm
3 directions, 10 cycles in each direction.
5.Shock
No electrical discontinuity of 1µs or longer
Acceleration: 490m/s
2 for 11ms, half sine wave in 3 directions,
3 times for each direction
6.Humidity
Contact resistance: 50mø max.
Insulation resistance: 100Mø min.
Temperature: 40±2°C; humidity: 90 to 95%, left for 96 hours
7.Temperature cycles
Contact resistance: 50mø max.
Insulation resistance: 500Mø min.
(-55°C: 30 min. → 5 to 35°C: 2 to 3 min. → 85°C: 30 min. →
5 to 35°C: 2 to 3 min.) 5 cycles
8.Durability
Contact resistance: 50mø max.
30 times (Number of insertion and withdrawal)
9.Resistance to
soldering heat
No deformation of components affecting
performance.
Reflow: according to the recommended temperature profile
Hand soldering: 350°C for 3 to 4 sec.
(Note 1) Including the temperature rise by current.
(Note 2) Apply to the condition of long term storage for unused products before PCB on board.
After PCB board, operating temperature and humidity range is applied for interim storage during transportation.
■Materials
Product
Part
Materials
Color / Treatment
UL Regulation
Pin header
(on the board side)
Insulator
LCP
Black
UL94V-0
Contact
Brass
Gold plating
---------
Metal fitting
Brass (Note 1)
Tin Plating
---------
Locking metal fitting (DF50)
Stainless steel
---------
---------
Crimp socket
Insulator
PBT
Black (DF50A)
UL94V-0
White (DF50S)
Crimp contact
Contact
Phosphor Bronze
Gold plating
---------
(Note 1) Phosphor bronze is applied a material for only to the single-row straight pin header.
■Product Number Structure
●Connector
DF 50
− * DP −1V **
❶❷
❸
❹
❺
❻
❼
❽
●Crimp contact
DF 50
− 2830 SCF A
❶❷
❸
❾
❼ Mounting style / Wiring type
V: SMT Straight Type
H: SMT Right Angle Type
C: Crimp socket
❽ Specifications
51: SMT Embossed packaging
52: SMT Embossed packaging (with cap, DF50)
❾ Applicable wire size
2830: AWG#28, 30
3032: AWG#30, 32 (Under development)
Packaging style
SCF: Socket contact reel
Plating specifications
A: Gold plating
❶ Series Name: DF
❷ Series No.: 50
❸ Form Type:
Blank: Double-row pin header
S: Double-row crimp socket
A: Single-row
❹ Number of contacts: 20, 30, 40, 50 (Double-row)
: 2 to 16 (Single-row)
❺ Connector type
DP: Double-row pin header
DS: Double-row crimp socket
P: Single-row pin header
S: Single-row crimp socket
❻ Contact Pitch: 1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com