Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 4 Page - Hirose Electric

  DF50 Datasheet HTML 1Page - Hirose Electric DF50 Datasheet HTML 2Page - Hirose Electric DF50 Datasheet HTML 3Page - Hirose Electric DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF50 Series●1mm Pitch, Board to Wire Lock Connector
■Double-row right angle pin header
[Specification Number: **, (**)]
(51): Gold plating, embossed packaging
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
C
D
E
F
G
DF50-20DP-1H(**)
665-0016-5 **
20
14.35
9
14.2
28.4
32
38.4
32.4
DF50-30DP-1H(**)
665-0015-2 **
30
19.35
14
20.2
40.4
50.4
44.4
DF50-40DP-1H(**)
665-0014-0 **
40
24.35
19
DF50-50DP-1H(**)
665-0013-7 **
50
29.35
24
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (600 pcs/reel)
BRecommended PCB Dimensions
BEmboss tape dimensions
(JIS C 0806 compliant)
BReel Condition Dimensions
Product Label
F MAX
G
+2
0
Ø1.5 sprocket
hole far side
Unreeling direction
*: No. of Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com