Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 10 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric DF50 Datasheet HTML 10Page - Hirose Electric DF50 Datasheet HTML 11Page - Hirose Electric DF50 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF50 Series●1mm Pitch, Board to Wire Lock Connector
■Crimp contact
Part No.
HRS No.
Type
Quantity
Treatment
DF50-2830SCFA
665-0002-0 00
Reel contact
30,000 pcs/reel
Gold plating
DF50K-2830SCFA
665-0017-8 00
DF50-3032SCFA
Under development
---------
---------
---------
(Note) As this product is sold 30,000 pcs/reel, please place orders by the multiple of the number of reels.
Part No.
HRS No.
Recommended wire
Cable name
Conductor size
(Core structure)
Diameter
of the wire
DF50-2830SCFA
665-0002-0 00
UL1061
AWG#28
(7 / Ø0.127mm)
Ø0.8 to
0.9mm
AWG#30
(7 / Ø0.102mm)
DF50K-2830SCFA
665-0017-8 00
UL1571
AWG#28
(7 / Ø0.13mm)
Ø0.58mm
(Note) Please contact our Sales Department when you are using wires other than applicable wires.
●Applicable wire (Tinned Annealed Copper Wire)
●Strip length
1.3 to 1.7mm
BApplicable crimping tool
Type
Part No.
HRS No.
Applicable contact
Applicator
AP105-DF50-2830S
901-4616-0
DF50-2830SCFA
Press body
CM-105
901-0005-4
---------
Hand tool
HT305/DF50-2830HC
902-4634-8
DF50-2830SCFA
Contact pull-out tool
DF-C-PO(B)
550-0179-2
(Note) Problems caused by tools other than our specified ones are out of warranty events.
BApplication Pattern
Double Row
Single Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com