Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric DF50 Datasheet HTML 10Page - Hirose Electric DF50 Datasheet HTML 11Page - Hirose Electric DF50 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DF50 Series●1mm Pitch, Board to Wire Lock Connector
■Double-row crimp socket
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
DF50S-20DS-1C
665-0020-2 00
20
12.28
9
DF50S-30DS-1C
665-0021-5 00
30
17.28
14
DF50S-40DS-1C
665-0022-8 00
40
22.28
19
DF50S-50DS-1C
665-0012-4 00
50
27.28
24
(Note) Sold in 100 pcs/pack.
■Single-row crimp socket
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
DF50A-2S-1C
665-1002-6 00
2
3.95
1
DF50A-3S-1C
665-1005-4 00
3
4.95
2
DF50A-4S-1C
665-1007-0 00
4
5.95
3
DF50A-5S-1C
665-1009-5 00
5
6.95
4
DF50A-6S-1C
665-1011-7 00
6
7.95
5
DF50A-7S-1C
665-1013-2 00
7
8.95
6
DF50A-8S-1C
665-1015-8 00
8
9.95
7
DF50A-9S-1C
665-1100-5 00
9
10.95
8
DF50A-10S-1C
665-1018-6 00
10
11.95
9
DF50A-11S-1C
665-1020-8 00
11
12.95
10
DF50A-12S-1C
665-1022-3 00
12
13.95
11
DF50A-13S-1C
665-1024-9 00
13
14.95
12
DF50A-14S-1C
665-1026-4 00
14
15.95
13
DF50A-15S-1C
665-1028-0 00
15
16.95
14
DF50A-16S-1C
665-1030-1 00
16
17.95
15
(Note) Sold in 100 pcs/pack.
*: No. of Contacts
*: No. of Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com