Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF50
Description  1mm Pitch, Board to Wire Lock Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF50 Datasheet HTML 4Page - Hirose Electric DF50 Datasheet HTML 5Page - Hirose Electric DF50 Datasheet HTML 6Page - Hirose Electric DF50 Datasheet HTML 7Page - Hirose Electric DF50 Datasheet HTML 8Page - Hirose Electric DF50 Datasheet HTML 9Page - Hirose Electric DF50 Datasheet HTML 10Page - Hirose Electric DF50 Datasheet HTML 11Page - Hirose Electric DF50 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF50 Series●1mm Pitch, Board to Wire Lock Connector
1.Recommended Temperature
Profile
(Compatible with lead-free
soldering)
[Applicable Conditions]
1.Peak temperature: a maximum of 250°C for no more than 10 seconds
2.Heating unit: no less than 220°C for no more than 60 seconds
3.Preheating unit: 150 to 180°C for 90 to 120 seconds
4.Number of times: no more than 2 times
* Measurement is conducted at the contact lead part
As it may change depending on the conditions such as solder paste types,
manufacturers, PCB size, and other soldering materials, please fully check
the mounting conditions before use.
(Note 1) This temperature profile is a recommended value.
2.Recommended hand soldering
conditions
Temperature of soldering iron: 350±10°C, soldering time: 3 to 4 seconds
3.Recommended screen thickness and
aperture ratio (Pattern surface ratio)
Thickness: 0.1mm, aperture ratio: 100%
4.Warpage of the Board
A maximum of 0.02mm at the center of connector, as measured from either end
of the connector
5.Cleaning Conditions
IPA cleaning is allowed. (Cleaning is not recommended because cleaning
may change the push/pull feeling etc. Please contact us when you use other
cleaning agents. )
6.Precautions
▪ When inserting a crimp contact into a crimp socket, do not insert it at a
slanted angle in order to maintain the reliability of its performance.
▪ Please refrain from pushing/pulling operation when the PCB is not mounted.
It may cause breakage, contact deformation, etc.
▪ Please refrain from pushing/pulling operation with wires in your hand. It may
cause damage.
▪During hand soldering, do not apply flux which will cause flux oozing on
connector.
▪ This product may have a little difference in its molded color depending on the
production lot, but the difference doesn't have any influence on the
performance.
▪Please refer to the operation manual for more information.
▪Please refer to the documents "Cable assembly procedure", "Crimp condition"and
"Crimp quality standards" for the cable assembly procedure.
BPrecautions
TIME (sec)
180℃
100
150
200
250
220℃
PRE-HEATING TIME SOLDERING TIME
MAX 250℃
90 – 120sec
60secMAX
10secMAX
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com