Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7142LA55FGI8 Datasheet HTML 1Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 2Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 3Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 4Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Recommended Operating
Temperature and Supply Voltage(1,2)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2. Industrial temperature: for specific speeds, packages and powers contact your
sales office.
NOTES:
1. VIL (min.) = -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately .75 in x .75 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
2692 tbl 01
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2692 tbl 02
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2692 tbl 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com