Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7142LA55FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 11Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 12Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
9
AC Electrical Characteristics Over the
Operating Temperature Supply Voltage Range(5,6)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). This parameter is guaranteed by device characterization
but is not production tested.
2. PLCC package only.
3. For Master/Slave combination, tWC = tBAA + tWP, since R/W = VIL must occur after tBAA.
4. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the
bus for the required tDW. If OE is High during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP.
5. 'X' in part numbers indicates power rating (SA or LA).
6. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Symbol
Parameter
7132X20(2)
7142X20(2)
Com'l Only
7132X25(2)
7142X25(2)
Com'l, Ind
& Military
7132X35
7142X35
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time(3)
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write
15
____
20
____
30
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width(4)
15
____
15
____
25
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
12
____
15
____
ns
tHZ
Output High-Z Time(1)
____
10
____
10
____
15
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1)
____
10
____
10
____
15
ns
tOW
Output Active from End-of-Write(1)
0
____
0
____
0
____
ns
2692 tbl 09
Symbol
Parameter
7132X55
7142X55
Com'l &
Military
7132X100
7142X100
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time(3)
55
____
100
____
ns
tEW
Chip Enable to End-of-Write
40
____
90
____
ns
tAW
Address Valid to End-of-Write
40
____
90
____
ns
tAS
Address Set-up Time
0
____
0
____
ns
tWP
Write Pulse Width(4)
30
____
55
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
20
____
40
____
ns
tHZ
Output High-Z Time(1)
____
25
____
40
ns
tDH
Data Hold Time
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1)
____
30
____
40
ns
tOW
Output Active from End-of-Write(1)
0
____
0
____
ns
2692 tbl 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com