Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7142LA55FGI8 Datasheet HTML 1Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 2Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 3Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 4Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
©2015 Integrated Device Technology, Inc.
NOVEMBER 2015
DSC-2692/21
HIGH SPEED
2K x 8 DUAL PORT
STATIC RAM
IDT7132SA/LA
IDT7142SA/LA
Functional Block Diagram
Features
◆
◆
◆
◆
◆
High-speed access
– Commercial:20/25/35/55/100ns(max.)
– Industrial: 25ns (max.)
– Military:25/35/55/100ns(max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT7132/42SA
Active: 325mW (typ.)
Standby: 5mW (typ.)
– IDT7132/42LA
Active: 325mW (typ.)
Standby: 1mW (typ.)
NOTES:
1. IDT7132 (MASTER): BUSY is open drain output and requires pullup resistor of 270
Ω.
IDT7142 (SLAVE): BUSY is input.
2. Open drain output: requires pullup resistor of 270
Ω.
◆
◆
◆
◆
◆
MASTERIDT7132easilyexpandsdatabuswidthto16-or-more
bits using SLAVE IDT7142
◆
◆
◆
◆
◆
On-chip port arbitration logic (IDT7132 only)
◆
◆
◆
◆
◆
BUSY output flag on IDT7132; BUSY input on IDT7142
◆
◆
◆
◆
◆
Battery backup operation —2V data retention (LA only)
◆
◆
◆
◆
◆
TTL-compatible, single 5V ±10% power supply
◆
◆
◆
◆
◆
Available in 48-pin DIP, LCC and Flatpack, and 52-pin PLCC
packages
◆
◆
◆
◆
◆
Military product compliant to MIL-PRF-38535 QML
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available for
selected speeds
OEL
CEL
R/WL
I/OOL-I/O7L
BUSYL(1,2)
A10L
A0L
CEL
OEL
R/
WL
CER
OER
R/
WR
OER
CER
R/
WR
I/OOR-I/O7R
BUSYR(1,2)
A10R
A0R
I/O
Control
I/O
Control
Address
Decoder
Address
Decoder
MEMORY
ARRAY
ARBITRATION
LOGIC
2692 drw 01
m
11
11
◆
◆
◆
◆
◆
Green parts available, see ordering information


Similar Part No. - 7142LA55FGI8

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7142 POMONA-7142 Datasheet
113Kb / 1P
Cable Mounted 쩌??Phone Plugs and Jack
logo
List of Unclassifed Man...
7142 ETC2-7142 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Coto Technology
7142 COTO-7142 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Renesas Technology Corp
71421LA RENESAS-71421LA Datasheet
492Kb / 19P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
71421LA20JG IDT-71421LA20JG Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7142LA55FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com