Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 11Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 12Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 13Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 14Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 15Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
TheBUSYoutputsontheIDT7132RAMmasterareopendraintype
outputs and require open drain resistors to operate. If these RAMs are
beingexpandedindepth,thentheBUSYindicationfortheresultingarray
does not require the use of an external AND gate.
Width Expansion with Busy Logic
Master/Slave Arrays
When expanding an SRAM array in width while using BUSY logic,
one master part is used to decide which side of the SRAM array will
receive a BUSY indication, and to output that indication. Any number
of slaves to be addressed in the same address range as the master,
use the BUSY signal as a write inhibit signal. Thus on the IDT7132/
IDT7142SRAMstheBUSYpinisanoutputifthepartisMaster(IDT7132),
and the BUSY pin is an input if the part is a Slave (IDT7142) as shown
in Figure 3.
If two or more master parts were used when expanding in width, a
split decision could result with one master indicating BUSY on one side
of the array and another master indicating BUSY on one other side of
the array. This would inhibit the write operations from one port for part
of a word and inhibit the write operations from the other port for the
other part of the word.
The BUSY arbitration, on a Master, is based on the chip enable and
address signals only. It ignores whether an access is a read or write.
In a master/slave array, both address and chip enable must be valid
long enough for a BUSY flag to be output from the master before the
actual write pulse can be initiated with either the R/W signal or the byte
enables. Failure to observe this timing can result in a glitched internal
write inhibit signal and corrupted data in the slave.
Table II — Address BUSY
Arbitration
NOTES:
1. Pins BUSYL and BUSYR are both outputs for IDT7132 (master). Both are inputs for
IDT7142 (slave). BUSYX outputs on the IDT7132 are open drain, not push-pull
outputs. On slaves the BUSYX input internally inhibits writes.
2. 'L' if the inputs to the opposite port were stable prior to the address and enable inputs
of this port. 'H' if the inputs to the opposite port became stable after the address and
enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will
result. BUSYL and BUSYR outputs can not be LOW simultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW
regardless of actual logic level on the pin. Writes to the right port are internally
ignored when BUSYR outputs are driving LOW regardless of actual logic level on
the pin.
Functional Description
The IDT7132/IDT7142 provides two ports with separate control,
address and I/O pins that permit independent access for reads or
writes to any location in memory. The IDT7132/IDT7142 has an
automatic power down feature controlled by CE. The CE controls on-
chip power down circuitry that permits the respective port to go into a
standby mode when not selected (CE = VIH). When a port is enabled,
access to the entire memory array is permitted.
Busy Logic
Busy Logic provides a hardware indication that both ports of the
RAM have accessed the same location at the same time. It also allows
one of the two accesses to proceed and signals the other side that the
RAM is “Busy”. The BUSY pin can then be used to stall the access until
the operation on the other side is completed. If a write operation has
been attempted from the side that receives a busy indication, the write
signal is gated internally to prevent the write from proceeding.
The use of BUSY Logic is not required or desirable for all applica-
tions. In some cases it may be useful to logically OR the BUSY outputs
together and use any BUSY indication as an interrupt source to flag the
event of an illegal or illogical operation.
Figure 4. Busy and chip enable routing for both width and depth
expansion with IDT7132 (Master) and (Slave) IDT7142 SRAMs.
2692 drw 15
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
BUSYL
BUSYR
5V
5V
270
Ω
270
Ω
Inputs
Outputs
Function
CEL
CER
AOL-A10L
AOR-A10R
BUSYL(1)
BUSYR(1)
XX
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2692 tbl 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com