Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  7142LA55FGI8 Datasheet HTML 1Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 2Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 3Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 4Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
Data Retention Characteristics (LA Version Only)
NOTES:
1. VCC = 2V, TA = +25°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
NOTE:
1. At Vcc
< 2.0V leakages are undefined.
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range (VCC = 5.0V ± 10%)
Data Retention Waveform
VCC
CE
4.5V
4.5V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR 2.0V
2692 drw 05
≥
,
Symbol
Parameter
Test Conditions
7132SA
7142SA
7132LA
7142LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V,
VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
VCC = 5.5V,
CE = VIH
, VOUT = 0V to VCC
___
10
___
5
µA
VOL
Output Low Voltage
IOL = 4mA
___
0.4
___
0.4
V
VOL
Open Drain Output
Low Voltage (BUSY)
IOL = 16mA
___
0.5
___
0.5
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2692 tbl 05
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2.0V
2.0
___
___
V
ICCDR
Data Retention Current
CE > VCC -0.2V
VIN > VCC -0.2V or
Mil. & Ind.
___
100
4000
µA
Com'l.
___
100
1500
µA
tCDR(3)
Chip Deselect to Data Retention Time
VIN < 0.2V
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2692 tbl 06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com