Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7142LA55FGI8 Datasheet HTML 3Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 4Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(3,5)
NOTES:
1. Transition is measured 0mV from Low or High-Impedance Voltage Output Test Load (Figure 2).
2. PLCC package only.
3. 'X' in part numbers indicates power rating (SA or LA).
4. This parameter is guaranteed by device characterization, but is not production tested.
5. Industrial temperature: for specific speeds, packages and powers contact your sales office.
7132X20(2)
7142X20(2)
Com'l Only
7132X25(2)
7142X25(2)
Com'l, Ind
& Military
7132X35
7142X35
Com'l &
Military
Unit
Symbol
Parameter
Min.
Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
11
____
12
____
20
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,4)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,4)
____
10
____
10
____
15
ns
tPU
Chip Enable to Power Up Time(4)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(4)
____
20
____
25
____
35
ns
2692 tbl 08a
7132X55
7142X55
Com'l &
Military
7132X100
7142X100
Com'l &
Military
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
55
____
100
____
ns
tAA
Address Access Time
____
55
____
100
ns
tACE
Chip Enable Access Time
____
55
____
100
ns
tAOE
Output Enable Access Time
____
25
____
40
ns
tOH
Output Hold from Address Change
3
____
10
____
ns
tLZ
Output Low-Z Time(1,4)
5
____
5
____
ns
tHZ
Output High-Z Time(1,4)
____
25
____
40
ns
tPU
Chip Enable to Power Up Time(4)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(4)
____
50
____
50
ns
2692 tbl 08b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com