Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 11Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 12Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 13Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 14Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 15Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
13
Timing Waveform of BUSY Arbitration Controlled by CE Timing(1)
Timing Waveform of BUSY Arbitration Controlled
by Address Match Timing(1)
Truth Tables
Table I. Non-Contention Read/Write Control(4)
NOTES:
1. A0L - A10L
≠ A0R - A10R
2. If BUSY = L, data is not written.
3. If BUSY = L, data may not be valid, see tWDD and tDDD timing.
4. 'H' = VIH, 'L' = VIL, 'X' = DON’T CARE, 'Z' = HIGH IMPEDANCE
tAPS
(2)
ADDR
"A"
and "B"
ADDRESSES MATCH
tBAC
tBDC
CE"B"
CE"A"
BUSY"A"
2692 drw 13
BUSY"B"
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
(2)
ADDR"A"
ADDR"B"
2692 drw 14
tBAA
tBDA
tRC or tWC
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (7132 only).
Left or Right Port(1)
R/W
CE
OE
D0-7
Function
X
H
X
Z
Port Disabled and in Power-Down Mode, ISB2 or ISB4
XH
X
Z
CER = CEL = VIH, Power-Down Mode, ISB1 or ISB3
LL
X
DATAIN
Data on Port Written into Memory(2)
HL
L
DATAOUT
Data in Memory Output on Port(3)
X
L
H
Z
High Impedance Outputs
2692 tbl 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com