Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55FGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7142LA55FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55FGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7142LA55FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 11Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 12Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 13Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 14Page - Integrated Device Technology 7142LA55FGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
11
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(7,8)
NOTES:
1. PLCC package only.
2. Port-to-port delay through RAM cells from the writing port to the reading port, refer to “Timing Waveform of Write with Port -to-Port Read and BUSY.”
3. To ensure that the earlier of the two ports wins.
4. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
5. To ensure that a write cycle is inhibited on port "B" during contention on port "A".
6. To ensure that a write cycle is completed on port "B" after contention on port "A".
7. 'X' in part numbers indicates power rating (SA or LA).
8. Industrial temperature: for specific speeds, packages and powers contact your sales office.
7132X20(1)
7142X20(1)
Com'l Only
7132X25(2)
7142X25(2)
Com'l, Ind
& Military
7132X35
7142X35
Com'l &
Military
Symbol
Parameter
Min.
Max.Min.Max.Min.Max.
Unit
BUSY Timing (For Master IDT7132 Only)
tBAA
BUSY Access Time from Address
____
20
____
20
____
20
ns
tBDA
BUSY Disable Time from Address
____
20
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable
____
20
____
20
____
20
ns
tWDD
Write Pulse to Data Delay(2)
____
50
____
50
____
60
ns
tWH
Write Hold After BUSY(6)
12
____
15
____
20
____
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
35
____
35
____
35
ns
tAPS
Arbitration Priority Set-up Time(3)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(4)
____
25
____
35
____
35
ns
BUSY Timing (For Slave IDT7142 Only)
tWB
Write to BUSY Input(5)
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(6)
12
____
15
____
20
____
ns
tWDD
Write Pulse to Data Delay(2)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
30
____
35
____
35
ns
2692 tbl 11a
7132X55
7142X55
Com'l &
Military
7132X100
7142X100
Com'l &
Military
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY Timing (For Master IDT7132 Only)
tBAA
BUSY Access Time from Address
____
30
____
50
ns
tBDA
BUSY Disable Time from Address
____
30
____
50
ns
tBAC
BUSY Access Time from Chip Enable
____
30
____
50
ns
tBDC
BUSY Disable Time from Chip Enable
____
30
____
50
ns
tWDD
Write Pulse to Data Delay(2)
____
80
____
120
ns
tWH
Write Hold After BUSY(6)
20
____
20
____
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
55
____
100
ns
tAPS
Arbitration Priority Set-up Time(3)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(4)
____
50
____
65
ns
BUSY Timing (For Slave IDT7142 Only)
tWB
Write to BUSY Input(5)
0
____
0
____
ns
tWH
Write Hold After BUSY(6)
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(2)
____
80
____
120
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
55
____
100
ns
2692 tbl 11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com