Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 21 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 17Page - STMicroelectronics M30LW128D Datasheet HTML 18Page - STMicroelectronics M30LW128D Datasheet HTML 19Page - STMicroelectronics M30LW128D Datasheet HTML 20Page - STMicroelectronics M30LW128D Datasheet HTML 21Page - STMicroelectronics M30LW128D Datasheet HTML 22Page - STMicroelectronics M30LW128D Datasheet HTML 23Page - STMicroelectronics M30LW128D Datasheet HTML 24Page - STMicroelectronics M30LW128D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21/57
M30LW128D
Table 6. Configuration Codes
Note: 1. DQ2-DQ7 are reserved
2. When STS pin is pulsing it remains Low for a typical time of 250ns.
Table 7. Read Electronic Signature
Note: 1. SBA is the Start Base Address of each block, PRD is Protection Register Data.
2. Base Address, refer to Figure 8 and Tables 8 and 9 for more information. A23 must be Low to address the customer’s Protection
Register. The other Protection Register is reserved.
3. A0 is not used in Read Electronic Signature in either x8 or x16 mode. The data is always presented on the lower byte in x16 m ode.
Configuration
Code
DQ1
DQ2
Mode
STS Pin
Description
00h
0
0
Ready/Busy
VOL during P/E
operations
Hi-Z when the
memory is ready
The STS pin is Low during Program and
Erase operations and high impedance when
the memory is ready for any Read, Program
or Erase operation.
01h
0
1
Pulse on Erase
complete
Pulse Low then High
when operation
completed(2)
Supplies a system interrupt pulse at the end
of a Block Erase operation.
02h
1
0
Pulse on
Program
complete
Supplies a system interrupt pulse at the end
of a Program operation.
03h
1
1
Pulse on Erase
or Program
complete
Supplies a system interrupt pulse at the end
of a Block Erase or Program operation.
Code
Bus Width
Address (A23-A1)(3)
Data (DQ15-DQ0)
Manufacturer Code
x8
000000h
20h
x16
0020h
Device Code
x8
000001h
17h
x16
8817h
Block Protection Status
x8
SBA(1)+02h
00h (Block Unprotected)
01h (Block Protected)
x16
0000h (Block Unprotected)
0001h (Block Protected)
Protection Register
x8, x16
000080h(2)
PRD(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com