Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 40 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 36Page - STMicroelectronics M30LW128D Datasheet HTML 37Page - STMicroelectronics M30LW128D Datasheet HTML 38Page - STMicroelectronics M30LW128D Datasheet HTML 39Page - STMicroelectronics M30LW128D Datasheet HTML 40Page - STMicroelectronics M30LW128D Datasheet HTML 41Page - STMicroelectronics M30LW128D Datasheet HTML 42Page - STMicroelectronics M30LW128D Datasheet HTML 43Page - STMicroelectronics M30LW128D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
M30LW128D
40/57
APPENDIX A. BLOCK ADDRESS TABLE
Table 25. Block Addresses
Block No.
Address Range
(x8 Bus Width)
Address Range
(x16 Bus Width)
128
FE0000h-FFFFFFh
7F0000h-7FFFFFh
127
FC0000h-FDFFFFh
7E0000h-7EFFFFh
126
FA0000h-FBFFFFh
7D0000h-7DFFFFh
125
F80000h-F9FFFFh
7C0000h-7CFFFFh
124
F60000h-F7FFFFh
7B0000h-7BFFFFh
123
F40000h-F5FFFFh
7A0000h-7AFFFFh
122
F20000h-F3FFFFh
790000h-79FFFFh
121
F00000h-F1FFFFh
780000h-78FFFFh
120
EE0000h-EFFFFFh
770000h-77FFFFh
119
EC0000h-EDFFFFh
760000h-76FFFFh
118
EA0000h-EBFFFFh
750000h-75FFFFh
117
E80000h-E9FFFFh
740000h-74FFFFh
116
E60000h-E7FFFFh
730000h-73FFFFh
115
E40000h-E5FFFFh
720000h-72FFFFh
114
E20000h-E3FFFFh
710000h-71FFFFh
113
E00000h-E1FFFFh
700000h-70FFFFh
112
DE0000h-DFFFFFh
6F0000h-6FFFFFh
111
DC0000h-DDFFFFh
6E0000h-6EFFFFh
110
DA0000h-DBFFFFh
6D0000h-6DFFFFh
109
D80000h-D9FFFFh
6C0000h-6CFFFFh
108
D60000h-D7FFFFh
6B0000h-6BFFFFh
107
D40000h-D5FFFFh
6A0000h-6AFFFFh
106
D20000h-D3FFFFh
690000h-69FFFFh
105
D00000h-D1FFFFh
680000h-68FFFFh
104
CE0000h-CFFFFFh
670000h-67FFFFh
103
CC0000h-CDFFFFh
660000h-66FFFFh
102
CA0000h-CBFFFFh
650000h-65FFFFh
101
C80000h-C9FFFFh
640000h-64FFFFh
100
C60000h-C7FFFFh
630000h-63FFFFh
99
C40000h-C5FFFFh
620000h-62FFFFh
98
C20000h-C3FFFFh
610000h-61FFFFh
97
C00000h-C1FFFFh
600000h-60FFFFh
96
BE0000h-BFFFFFh
5F0000h-5FFFFFh
95
BC0000h-BDFFFFh
5E0000h-5EFFFFh
94
BA0000h-BBFFFFh
5D0000h-5DFFFFh
93
B80000h-B9FFFFh
5C0000h-5CFFFFh
92
B60000h-B7FFFFh
5B0000h-5BFFFFh
91
B40000h-B5FFFFh
5A0000h-5AFFFFh
90
B20000h-B3FFFFh
590000h-59FFFFh
89
B00000h-B1FFFFh
580000h-58FFFFh
88
AE0000h-AFFFFFh
570000h-57FFFFh
87
AC0000h-ADFFFFh
560000h-56FFFFh
86
AA0000h-ABFFFFh
550000h-55FFFFh
85
A80000h-A9FFFFh
540000h-54FFFFh
84
A60000h-A7FFFFh
530000h-53FFFFh
83
A40000h-A5FFFFh
520000h-52FFFFh
82
A20000h-A3FFFFh
510000h-51FFFFh
81
A00000h-A1FFFFh
500000h-50FFFFh
80
9E0000h-9FFFFFh
4F0000h-4FFFFFh
79
9C0000h-9DFFFFh
4E0000h-4EFFFFh
78
9A0000h-9BFFFFh
4D0000h-4DFFFFh
77
980000h-99FFFFh
4C0000h-4CFFFFh
76
960000h-97FFFFh
4B0000h-4BFFFFh
75
940000h-95FFFFh
4A0000h-4AFFFFh
74
920000h-93FFFFh
490000h-49FFFFh
73
900000h-91FFFFh
480000h-48FFFFh
72
8E0000h-8FFFFFh
470000h-47FFFFh
71
8C0000h-8DFFFFh
460000h-46FFFFh
70
8A0000h-8BFFFFh
450000h-45FFFFh
69
880000h-89FFFFh
440000h-44FFFFh
68
860000h-87FFFFh
430000h-43FFFFh
67
840000h-85FFFFh
420000h-42FFFFh
66
820000h-83FFFFh
410000h-41FFFFh
65
800000h-81FFFFh
400000h-40FFFFh
Block No.
Address Range
(x8 Bus Width)
Address Range
(x16 Bus Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com