Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 24 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 20Page - STMicroelectronics M30LW128D Datasheet HTML 21Page - STMicroelectronics M30LW128D Datasheet HTML 22Page - STMicroelectronics M30LW128D Datasheet HTML 23Page - STMicroelectronics M30LW128D Datasheet HTML 24Page - STMicroelectronics M30LW128D Datasheet HTML 25Page - STMicroelectronics M30LW128D Datasheet HTML 26Page - STMicroelectronics M30LW128D Datasheet HTML 27Page - STMicroelectronics M30LW128D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
M30LW128D
24/57
Table 10. Program/Erase Times and Program/Erase Endurance Cycles
Note: 1. Typical values measured at room temperature and nominal voltages.
2. Sampled, but not 100% tested.
3. Effective byte programming time 6µs, effective word programming time 12µs.
4. Maximum value measured at worst case conditions for both temperature and VDD after 100,000 program/erase cycles.
5. Maximum value measured at worst case conditions for both temperature and VDD.
Parameters
M30LW128D
Unit
Min
Typ(1,2)
Max(2)
Block (1Mb) Erase
1.2
4.8(4)
s
Chip Program (Write to Buffer)
98
290(4)
s
Chip Erase Time
148
440 (4)
s
Program Write Buffer
192 (3)
576 (4)
µs
Word/Byte Program Time
(Word/Byte Program command)
16
48 (4)
µs
Program Suspend Latency Time
1
20 (5)
µs
Erase Suspend Latency Time
1
25 (5)
µs
Block Protect Time
18
30 (5)
µs
Blocks Unprotect Time
0.75
1.2 (5)
s
Program/Erase Cycles (per block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com