Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 44 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 40Page - STMicroelectronics M30LW128D Datasheet HTML 41Page - STMicroelectronics M30LW128D Datasheet HTML 42Page - STMicroelectronics M30LW128D Datasheet HTML 43Page - STMicroelectronics M30LW128D Datasheet HTML 44Page - STMicroelectronics M30LW128D Datasheet HTML 45Page - STMicroelectronics M30LW128D Datasheet HTML 46Page - STMicroelectronics M30LW128D Datasheet HTML 47Page - STMicroelectronics M30LW128D Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
M30LW128D
44/57
Table 29. Device Geometry Definition
Note: 1. In x8 mode A0 must be set to VIL. Otherwise, 00h will be output.
2. N/A = Not Applicable. Only the x16 mode is available with the LFBGA88 package.
Table 30. Block Status Register
Note: 1. BA specifies the block address location, A22-A17.
2. Not Supported.
Address
Data
Description
x16
x8(1)
0027h
4Eh
18h
n where 2n is number of bytes memory Size
0028h
50h
02h
Device Interface
02h is the interface for M30LW128D devices delivered in
TSOP56 and TBGA64 packages (x8 and x16 modes
available)
N/A(2)
01h
01h is the interface for M30LW128D devices delivered in
LFBGA88 packages (x16 mode available)
0029h
52h
00h
002Ah
54h
05h
Maximum number of bytes in Write Buffer, 2n
002Bh
56h
00h
002Ch
58h
01h
Bit7-0 = number of Erase Block Regions in device
002Dh
5Ah
7Fh
Number (n-1) of Erase Blocks of identical size; n=128
002Eh
5Ch
00h
002Fh
5Eh
00h
Erase Block Region Information
x 256 bytes per Erase block (128K bytes)
0030h
60h
02h
Address
Data
Selected Block Information
(BA+2)h(1)
bit0
0
Block Unprotected
1
Block Protected
bit1
0
Last erase operation ended successfully (2)
1
Last erase operation not ended successfully (2)
bit7-2
0
Reserved for future features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com