Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 23 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 19Page - STMicroelectronics M30LW128D Datasheet HTML 20Page - STMicroelectronics M30LW128D Datasheet HTML 21Page - STMicroelectronics M30LW128D Datasheet HTML 22Page - STMicroelectronics M30LW128D Datasheet HTML 23Page - STMicroelectronics M30LW128D Datasheet HTML 24Page - STMicroelectronics M30LW128D Datasheet HTML 25Page - STMicroelectronics M30LW128D Datasheet HTML 26Page - STMicroelectronics M30LW128D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23/57
M30LW128D
Table 9. Byte-Wide Read Protection Register
Word
Use
A8
A7A6A5
A4A3
A2A1
Lock
Factory, User
1
0
0000
00
Lock
Factory, User
1
0
0000
00
0
Factory (Unique ID)
1
0
0000
01
1
Factory (Unique ID)
1
0
0000
01
2
Factory (Unique ID)
1
0
0000
10
3
Factory (Unique ID)
1
0
0000
10
4
Factory (Unique ID)
1
0
0000
11
5
Factory (Unique ID)
1
0
0000
11
6
Factory (Unique ID)
1
0
0001
00
7
Factory (Unique ID)
1
0
0001
00
8
User
10
0001
01
9
User
10
0001
01
A
User
10
0001
10
B
User
10
0001
10
C
User
10
0001
11
D
User
10
0001
11
E
User
10
0010
00
F
User
10
0010
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com