Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 35 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 31Page - STMicroelectronics M30LW128D Datasheet HTML 32Page - STMicroelectronics M30LW128D Datasheet HTML 33Page - STMicroelectronics M30LW128D Datasheet HTML 34Page - STMicroelectronics M30LW128D Datasheet HTML 35Page - STMicroelectronics M30LW128D Datasheet HTML 36Page - STMicroelectronics M30LW128D Datasheet HTML 37Page - STMicroelectronics M30LW128D Datasheet HTML 38Page - STMicroelectronics M30LW128D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35/57
M30LW128D
Figure 15. Reset, Power-Down and Power-Up AC Waveform
Note: 1. Refer to Table 3 for details of how the device is enabled.
2. Not available with the LFBGA88 package.
Table 20. Reset, Power-Down and Power-Up AC Characteristics
Symbol
Parameter
M30LW128D
Unit
110
tPHQV
Reset/Power-Down High to Data Valid
Max
150
ns
tPHWL
Reset/Power-Down High to Write Enable Low
Max
1
µs
tPLPH
Reset/Power-Down Low to Reset/Power-Down High
Min
100
ns
tPLBH
Reset/Power-Down Low to Status/(Ready/Busy) High
Max
30
µs
tVDHPH
Supply Voltages High to Reset/Power-Down High
Min
0
µs
AI07513b
STS(2)
W
RP
E (1), G
VDD, VDDQ
tVDHPH
tPLPH
tPLBH
Power-Up
and Reset
Reset during
Program or Erase
DQ0-DQ15
tPHQV
(Ready/Busy mode)
tPHWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com