Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 34 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 30Page - STMicroelectronics M30LW128D Datasheet HTML 31Page - STMicroelectronics M30LW128D Datasheet HTML 32Page - STMicroelectronics M30LW128D Datasheet HTML 33Page - STMicroelectronics M30LW128D Datasheet HTML 34Page - STMicroelectronics M30LW128D Datasheet HTML 35Page - STMicroelectronics M30LW128D Datasheet HTML 36Page - STMicroelectronics M30LW128D Datasheet HTML 37Page - STMicroelectronics M30LW128D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
M30LW128D
34/57
Figure 14. Write AC Waveforms, Chip Enable Controlled
Note: 1. Refer to Table 3 for details of how the device is enabled.
2. Not available with the LFBGA88 package.
Table 19. Write AC Characteristics, Chip Enable Controlled.
Symbol
Parameter
Test Condition
M30LW128D
Unit
110
tAVEH
Address Valid to Chip Enable High
W = VIL
Min
50
ns
tDVEH
Data Input Valid to Chip Enable High
W = VIL
Min
50
ns
tWLEL
Write Enable Low to Chip Enable Low
Min
0
ns
tVPHEH
Program/Erase Enable High to Chip Enable High
Min
0
ns
tEHAX
Chip Enable High to Address Transition
W = VIL
Min
5
ns
tEHBL
Chip Enable High to Status/(Ready/Busy) low
Max
500
ns
tEHDX
Chip Enable High to Input Transition
W = VIL
Min
5
ns
tEHWH
Chip Enable High to Write Enable High
Min
0
ns
tGHEL
Output Enable High to Chip Enable Low
Min
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
35
ns
tEHEL
Chip Enable High to Chip Enable Low
Min
30
ns
tELEH
Chip Enable Low to Chip Enable High
W = VIL
Min
70
ns
AI07512
DQ0-DQ15
STS(2)
E (1)
A0-A23
W
G
INPUT
VALID
tEHWH
tAVEH
tELEH
tWLEL
VPEN
tEHAX
tEHEL
tEHDX
tDVEH
tVPHEH
tEHGL
tGHEL
tEHBL
(Ready/Busy mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com