Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30LW128D Datasheet(PDF) 43 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 39Page - STMicroelectronics M30LW128D Datasheet HTML 40Page - STMicroelectronics M30LW128D Datasheet HTML 41Page - STMicroelectronics M30LW128D Datasheet HTML 42Page - STMicroelectronics M30LW128D Datasheet HTML 43Page - STMicroelectronics M30LW128D Datasheet HTML 44Page - STMicroelectronics M30LW128D Datasheet HTML 45Page - STMicroelectronics M30LW128D Datasheet HTML 46Page - STMicroelectronics M30LW128D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
43/57
M30LW128D
Table 28. CFI - Device Voltage and Timing Specification
Note: 1. Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volts and bit3 to bit0 in mV.
2. Bit7 to bit4 are coded in Hexadecimal and scaled in Volts while bit3 to bit0 are in Binary Code Decimal and scaled in 100mV.
3. Not supported.
4. In x8 mode A0 must be set to VIL. Otherwise, 00h will be output.
Address
Data
Description
x16
x8(4)
001Bh
36h
27h (1)
VDD Min, 2.7V
001Ch
38h
36h (1)
VDD max, 3.6V
001Dh
3Ah
00h (2)
VPP min – Not Available
001Eh
3Ch
00h (2)
VPP max – Not Available
001Fh
3Eh
04h
2n µs typical time-out for Word, DWord prog – Not Available
0020h
40h
08h
2n µs, typical time-out for max buffer write
0021h
42h
0Ah
2n ms, typical time-out for Erase Block
0022h
44h
00h (3)
2n ms, typical time-out for chip erase – Not Available
0023h
46h
04h
2n x typical for Word Dword time-out max – Not Available
0024h
48h
04h
2n x typical for buffer write time-out max
0025h
4Ah
04h
2n x typical for individual block erase time-out maximum
0026h
4Ch
00h (3)
2n x typical for chip erase max time-out – Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com