Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 14Page - STMicroelectronics M58LW064D Datasheet HTML 15Page - STMicroelectronics M58LW064D Datasheet HTML 16Page - STMicroelectronics M58LW064D Datasheet HTML 17Page - STMicroelectronics M58LW064D Datasheet HTML 18Page - STMicroelectronics M58LW064D Datasheet HTML 19Page - STMicroelectronics M58LW064D Datasheet HTML 20Page - STMicroelectronics M58LW064D Datasheet HTML 21Page - STMicroelectronics M58LW064D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
M58LW064D
18/50
Table 6. Read Electronic Signature
Note: 1. SBA is the Start Base Address of each block, PRD is Protection Register Data.
2. Base Address, refer to Figure 6. and Tables 7 and 8 for more information.
3. A0 is not used in Read Electronic Signature in either x8 or x16 mode. The data is always presented on the lower byte in x16 mode.
Figure 6. Protection Register Memory Map
Table 7. Word-Wide Read Protection Register
Code
Bus Width
Address (A22-A1)(3)
Data (DQ15-DQ0)
Manufacturer Code
x8
000000h
20h
x16
0020h
Device Code
x8
000001h
17h
x16
0017h
Block Protection Status
x8
SBA(1)+02h
00h (Block Unprotected)
01h (Block Protected)
x16
0000h (Block Unprotected)
0001h (Block Protected)
Protection Register
x8, x16
000080h(2)
PRD(1)
Word
Use
A8A7A6A5
A4A3A2A1
Lock
Factory, User
100
00
000
0
Factory (Unique ID)
100
00
001
1
Factory (Unique ID)
100
00
010
2
Factory (Unique ID)
100
00
011
3
Factory (Unique ID)
100
00
100
4
User
100
00
101
5
User
100
00
110
6
User
100
00
111
7
User
100
01
000
AI05501
User Programmable
Unique device number
Protection Register Lock
1
0
88h
85h
84h
81h
80h
WORD
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com