Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 31Page - STMicroelectronics M58LW064D Datasheet HTML 32Page - STMicroelectronics M58LW064D Datasheet HTML 33Page - STMicroelectronics M58LW064D Datasheet HTML 34Page - STMicroelectronics M58LW064D Datasheet HTML 35Page - STMicroelectronics M58LW064D Datasheet HTML 36Page - STMicroelectronics M58LW064D Datasheet HTML 37Page - STMicroelectronics M58LW064D Datasheet HTML 38Page - STMicroelectronics M58LW064D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35/50
M58LW064D
APPENDIX B. COMMON FLASH INTERFACE - CFI
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the CFI Query Command (RCFI) is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 24, 25,
26, 27, 28 and 29 show the addresses used to re-
trieve the data.
Table 24. Query Structure Overview
Note: 1. Offset 15h defines P which points to the Primary Algorithm Extended Query Address Table.
2. Offset 19h defines A which points to the Alternate Algorithm Extended Query Address Table.
3. SBA is the Start Base Address for each block.
4. In x8 mode, A0 must be set to VIL, otherwise 00h will be output.
Table 25. CFI - Query Address and Data Output
Note: 1. Query Data are always presented on DQ7-DQ0. DQ15-DQ8 are set to '0'.
2. Offset 19h defines A which points to the Alternate Algorithm Extended Query Address Table.
3. In x8 mode, A0 must be set to VIL, otherwise 00h will be output.
Address
Sub-section Name
Description
x16
x8(4)
0000h
00h
Manufacturer Code
0001h
02h
Device Code
0010h
20h
CFI Query Identification String
Command set ID and algorithm data offset
001Bh
36h
System Interface Information
Device timing and voltage information
0027h
4Eh
Device Geometry Definition
Flash memory layout
P(h)(1)
Primary Algorithm-specific Extended
Query Table
Additional information specific to the Primary
Algorithm (optional)
A(h)(2)
Alternate Algorithm-specific Extended
Query Table
Additional information specific to the Alternate
Algorithm (optional)
(SBA+02)h
Block Status Register
Block-related Information
Address
Data
Description
x16
x8(3)
0010h
20h
51h
"Q"
51h; "Q"
Query ASCII String 52h; "R"
59h; "Y"
0011h
22h
52h
"R"
0012h
24h
59h
"Y"
0013h
26h
01h
Primary Vendor:
Command Set and Control Interface ID Code
0014h
28h
00h
0015h
2Ah
31h
Primary algorithm extended Query Address Table: P(h)
0016h
2Ch
00h
0017h
2Eh
00h
Alternate Vendor:
Command Set and Control Interface ID Code
0018h
30h
00h
0019h
32h
00h
Alternate Algorithm Extended Query address Table
001Ah(2)
34h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com