Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 35Page - STMicroelectronics M58LW064D Datasheet HTML 36Page - STMicroelectronics M58LW064D Datasheet HTML 37Page - STMicroelectronics M58LW064D Datasheet HTML 38Page - STMicroelectronics M58LW064D Datasheet HTML 39Page - STMicroelectronics M58LW064D Datasheet HTML 40Page - STMicroelectronics M58LW064D Datasheet HTML 41Page - STMicroelectronics M58LW064D Datasheet HTML 42Page - STMicroelectronics M58LW064D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39/50
M58LW064D
APPENDIX C. FLOW CHARTS
Figure 16. Write to Buffer and Program Flowchart and Pseudo Code
Write to Buffer E8h
Command, Block Address
AI05511
Start
Read Status
Register
NO
SR7 = 1
Write Buffer Data,
Start Address
YES
X = N
YES
NO
End
NO
Write to Buffer
Timeout
Write N(1),
Block Address
YES
X = 0
Write Next Buffer Data,
Next Program Address(2)
X = X + 1
Program Buffer to Flash
Confirm D0h
Read Status
Register
NO
SR7 = 1
YES
Full Status
Register Check(3)
Try Again Later
Note 1: N+1 is number of Words
to be programmed
Note 2: Next Program Address must
have same A5-A21.
Note 3: A full Status Register Check must be
done to check the program operation's
success.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com