Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064D Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 42Page - STMicroelectronics M58LW064D Datasheet HTML 43Page - STMicroelectronics M58LW064D Datasheet HTML 44Page - STMicroelectronics M58LW064D Datasheet HTML 45Page - STMicroelectronics M58LW064D Datasheet HTML 46Page - STMicroelectronics M58LW064D Datasheet HTML 47Page - STMicroelectronics M58LW064D Datasheet HTML 48Page - STMicroelectronics M58LW064D Datasheet HTML 49Page - STMicroelectronics M58LW064D Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47/50
M58LW064D
Figure 24. Command Interface and Program Erase Controller Flowchart (b)
READ
STATUS
YES
NO
70h
B
ERASE
YES
READY
?
NO
A
B0h
NO
READ
STATUS
YES
READY
?
NO
ERASE
SUSPEND
YES
D0h
READ
ARRAY
YES
ERASE
SUSPENDED
READ
STATUS
(READ STATUS)
YES
(ERASE RESUME)
NO
READ
STATUS
90h
NO
READ
SIGNATURE
YES
98h
NO
CFI
QUERY
YES
E8h
NO
PROGRAM
BUFFER
LOAD
YES
c
AI03619
Program/Erase Controller
Status bit in the Status
Register
READ
STATUS
D0h
YES
NO
NO
PROGRAM
COMMAND
ERROR
WAIT FOR
COMMAND
WRITE
FFh
YES
READ
ARRAY
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com